PART |
Description |
Maker |
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MIC5209-3.0BU MIC5209-3.3BM |
500mA Low-Noise LDO Regulator
|
Micrel Semiconductor
|
RT9167-30CB RT9167-30CBR RT9167-30CS RT9167A-15CB |
LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR
|
ETC
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
MIC5319-1.3HYD5 MIC5319-1.85YD5 MIC5319-1.85YML MI |
500mA 渭Cap Ultra-Low Dropout High PSRR LDO Regulator 500mA μCap Ultra-Low Dropout High PSRR LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO5 1.375 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
MIC5239 MIC5239BMM MIC5239BM MIC5239-3.0BS MIC5239 |
1.6 MHz, 3V to 6V Input, 3A Syn. Step Down SWIFT Converter with Disabled Sinking During Start UP 24-VQFN -40 to 125 1.24 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 Low Quiescent Current 500mA UCap LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX1935 MAX1935ETA15 MAX1935ETA MAXB1935ETA |
Fixed-Point Digital Signal Processor 532-FCBGA 0.8 V-4.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 From old datasheet system 500mA Low-Voltage Linear Regulator in Tiny QFN "500mA, Low-Voltage Linear Regulator in Tiny QFN"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|